Part Number Hot Search : 
BLF571 55320301 0N60P SM8S26 MCR10 PA006 SQ141Y4 IRF7811
Product Description
Full Text Search
 

To Download SD101B-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: SD101A SD101B SD101C
SD101A - SD101C
SCHOTTKY BARRIER DIODE
Features
* * * * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Low Reverse Recovery Time Low Reverse Capacitance Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
* * * * * * * * Case: DO-35 Case Material: Glass Moisture Sensitivity: Level 1 per J-STD-020C Leads: Solderable per MIL-STD-202, Method 208 Terminals: Finish Matte Tin. Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.13 grams (approximate) @TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t 1.0s @ t = 10s IFSM Pd RJA Tj, TSTG SD101A 60 42 SD101B 50 35 15 50 2.0 400 375 -65 to +175 SD101C 40 28 Unit V V mA mA A mW C/W C DO-35 Dim A B C D Min 25.40 Max 4.00 0.60 2.00
All Dimensions in mm
*
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current
Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Maximum Forward Voltage Drop
@TA = 25C unless otherwise specified Symbol SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C Min Max 0.41 0.40 0.39 1.00 0.95 0.90 200 2.0 2.1 2.2 1.0 Unit Test Condition IF = 1.0mA IF = 1.0mA IF = 1.0mA IF = 15mA IF = 15mA IF = 15mA VR = 50V VR = 40V VR = 30V VR = 0V, f = 1.0MHz IF = IR = 5.0mA, Irr = 0.1 x IR, RL = 100
VFM
V
Maximum Peak Reverse Current
IRM

nA
Total Capacitance
CT trr
pF ns
Reverse Recovery Time
Notes: 1. 2.
Valid provided that leads are kept at ambient temperature. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and high temperature solder exemptions applied where applicable, see EU Directive Annex Notes 5 and 7.
DS11008 Rev. 13 - 2
1 of 2 www.diodes.com
SD101A - SD101C
(c) Diodes Incorporated
Ordering Information (Note 3)
Device SD101A-A SD101A-T SD101B-A SD101B-T SD101C-A SD101C-T
Notes: 3.
Packaging DO-35 DO-35 DO-35 DO-35 DO-35 DO-35
Shipping 10K/Ammo Pack 10K/Tape & Reel, 13-inch 10K/Ammo Pack 10K/Tape & Reel, 13-inch 10K/Ammo Pack 10K/Tape & Reel, 13-inch
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS11008 Rev. 13 - 2
2 of 2 www.diodes.com
SD101A - SD101C
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of SD101B-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X